Part Number Hot Search : 
BD175 SB1630DC CT300278 6SW220M 27C51 BPC150 OP213ES DM7476N
Product Description
Full Text Search
 

To Download TDA7331D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TDA7331
SINGLE CHIP RDS DEMODULATOR + FILTER
VERY HIGH RDS DEMODULATION QUALITY WITH IMPROVED DIGITAL SIGNAL PROCESSING HIGH PERFORMANCE, 57KHz BANDPASS FILTER (8th ORDER) PURELY DIGITAL RDS DEMODULATION WITHOUT EXTERNAL COMPONENTS ARI INDICATION AND RDS SIGNAL QUALITY OUTPUTS 4.332MHz CRYSTAL OSCILLATOR (8.664 and 17.328MHz SELECTABLE OPTIONS) LOW NOISE CMOS TECHNOLOGY LOW RADIATION DESCRIPTION The TDA7331, an improved version of TDA7330B, recovers the additional inaudible RDS information which is transmitted by FM radio broadcasting stations and operates in accordance with the EBU (European Broadcasting Union) specifications. The device is made up of two sections: a casBLOCK DIAGRAM and TEST CIRCUIT
C1 27pF 4.332MHz C2 47pF
DIP20
SO20
ORDERING NUMBERS: TDA7331 TDA7331D
caded antialiasing + switched capacitors bandpass filter for precise RDS band selection and a demodulating section that performs the extraction od RDS data stream (RDDA) and clock (RDCL), to be furher processed by a suitable RDS decoder. Outputs for RDS signal quality and ARI indication are also present.
T57 11 1 270pF 2nd ORDER ANTIALIASING FILTER
OSCIN 10
OSCOUT 9
MPX
3 OSCILLATOR & DIVIDER 18
OSEL FSEL
12 FILOUT 4 8th ORDER SC-BANDPASS FILTER 57KHz PLL 1187.5Hz PLL 15 14 VS 100nF VREF 10F INTEGRAL BIPHASE DEC. 2 + POLARITY BIPHASE DEC. 0 1 13 16 FAST ARI INDICATOR QUAL DET.
RDCL
ARI QUAL
MUX
DIFF. DECODER
RDDA
19 TEST LOGIC
TM
5 GND
6,7,8,17 N.C.
20 EXTRES
D97AU686B
February 1998
1/7
TDA7331
ABSOLUTE MAXIMUM RATINGS
Symbol VS Top Tstg No pin 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 Parameter Supply Voltage Operating Temperature Range Storage Temperature Value 7 -40 to 85 -55 to 150 Unit V C C
PIN FUNCTION
Name MPX VREF OSEL FILOUT GND nc nc nc OSCOUT OSCIN T57 RDCL RDDA QUAL ARI Functional description RDS input signal Reference voltage Oscillator selector pin: - open, or closed to Vs = quartz oscillator - closed to GND = external driven Filter output Ground Not connected Not connected Not connected Oscillator output Oscillator input Testing output pin: 57kHz clock output RDS clock output 1187.5Hz RDS data output Output for signal quality indication (High = good) Output for ARI indication: - high when RDS+ARI are present - high when only ARI is present - low when only RDS is present - undefined when nos signal is present Supply voltage Not connected Frequency selector pin: - 100K to VS = 17.328MHz - open = 4.332MHz - closed to VS = 8.664MHz Test mode pin: - open = normal operation - closed to VS = testmode Reset pin: - open = run mode - closed to VS = reset condition
16 17 18
Vs nc FSEL
19 20
TM EXTRES
PIN CONNECTION
MPX VREF OSEL FILOUT GND N.C. N.C. N.C. OSCOUT OSCIN 1 2 3 4 5 6 7 8 9 10
D97AU687
20 19 18 17 16 15 14 13 12 11
EXTRES TM FSEL N.C. VS ARI QUAL RDDA RDCL T57
2/7
TDA7331
THERMAL DATA
Symbol Rth j-amb Description Thermal Resistance Junction-Ambient Max DIP20 100 SO20 200 Unit C/W
ELECTRICAL CHARACTERISTICS (Tamb = 25C, VS = 5V, unless otherwise specified).
Symbol VS IS Parameter Supply voltage Supply current Test Condition Min. 4.5 Typ. 5 7.5 Max. 5.5 11.0 Unit V mA
FILTER
fC BW G A Center frequency 3dB Bandwidth Gain Attenuation f = 57kHz f 4kHz f = 38kHz f = 67kHz RI RL S/N VIN VREF Input impedance of MPX Load impedance on FILOUT Signal to noise ratio MPX input signal Reference VIN = 3mVRMS f = 19kHz; T3 40dB(1) f = 57kHz (RDS+ ARI) VS/2 56.5 2.5 18 18 50 35 80 1 30 57 3 20 22 60 45 120 40 1000 50 150 57.5 3.5 22 kHz kHz dB dB dB dB K M dB mVRMS mVRMS V
DEMODULATOR
Input pins (EXTRES, FSEL, TM) Input pin (OSEL) IPD IPU VIH Input Current Input Current Input voltage high VIN = 5V (pull-down input) VIN = 0V (pull-up input) all with internal pull down resistor with internal pull up resistor 15 -25 0.7 VS 0.8 VS 30 -10 A A V V V 1 V
Input voltage low VIL Output pins (RDCL, RDDA, ARI, QUAL, T57) VOH VOL Ouput voltage high Output voltage low IL = 0.5mA IL = 0.5mA 4
0.2 VS 0.3 VS 4.6 0.4
OSCILLATOR
VCLL VCLH VPP Input level OSCIN pin Input level OSCIN pin Amplitude OSCOUT Amplitude OSCIN (for external drive) OSEL = open circuit OSEL = open circuit OSEL = open circuit OSEL = GND, f = 4.332MHz OSEL = GND, f = 8.664MHz OSEL = GND, f = 17.328MHz 1 4 4.5 100 120 150 V V V mVpp mVpp mVpp
(1) The 3rd harmonic (57kHz) must be less than -40dB with respect to the input signal plus gain.
3/7
TDA7331
Figure 1. RDS timing diagram
CLOCK LINE
DATA LINE
OUTPUT TIMING The RDS (1187.5Hz) output clock on RDCL line is synchronized to the incoming data. According to the internal PLL lock condition data change can result on the falling or on the rising clock edge. (see Fig. 1) Whichever clock edge is used by the decoder (rising or falling edge) the data will remain valid for 416.7 sec after the clock transition. OSCILLATOR CONTROLS (FSEL, OSEL) Three different crystal frequencies can be used. The adaption of the internal clock divider to the external crystal is achieved via the input pin FSEL. See the followings table for reference:
Crystal 4.332MHz 8.664MHz 17.328MHz FSEL (pin configuration) connected to GND or open connected to Vs external resistor of 100K to Vs
A special mode is introduced to reduce EMI. With pin OSEL connected to GND the internal oscillator is switched off and an external sinusoidal frequency could be applied on OSCIN. The peak to peak voltage of this signal can be reduced down to 60mV. In this mode the frequency selection via FSEL is still active. Suggested values of C1 and C2 are shown in the following table:
Crystal 4.332MHz 8.664MHz 17.328MHz C1 27pF 27pF 27pF C2 47pF -
4/7
TDA7331
DIP20 PACKAGE MECHANICAL DATA
DIM. MIN. a1 B b b1 D E e e3 F I L Z 3.3 1.34 8.5 2.54 22.86 7.1 3.93 0.130 0.053 0.254 1.39 0.45 0.25 25.4 0.335 0.100 0.900 0.280 0.155 1.65 mm TYP. MAX. MIN. 0.010 0.055 0.018 0.010 1.000 0.065 inch TYP. MAX.
5/7
TDA7331
SO20 PACKAGE MECHANICAL DATA
DIM. MIN. A a1 a2 b b1 C c1 D E e e3 F L M S 7.4 0.5 12.6 10 1.27 11.43 7.6 1.27 0.75 8 (max.) 0.291 0.020 13.0 10.65 0.35 0.23 0.5 45 (typ.) 0.496 0.394 0.050 0.450 0.299 0.050 0.030 0.512 0.419 0.1 mm TYP. MAX. 2.65 0.3 2.45 0.49 0.32 0.014 0.009 0.020 0.004 MIN. inch TYP. MAX. 0.104 0.012 0.096 0.019 0.013
6/7
TDA7331
Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Microelectronics. Specification mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. SGS-THOMSON Microelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of SGS-THOMSON Microelectronics. (c) 1998 SGS-THOMSON Microelectronics - Printed in Italy - All Rights Reserved SGS-THOMSON Microelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - France - Germany - Italy - Japan - Korea - Malaysia - Malta - Morocco - The Netherlands Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A.
7/7


▲Up To Search▲   

 
Price & Availability of TDA7331D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X